Part Number Hot Search : 
29LV800 BD6524 2050CT RB715S3 DZ11B ICM755 AA100 TM6131
Product Description
Full Text Search
 

To Download SRM3671B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Semiconductor
SRM3671 / SRM3671(B)
Dual Color LED Lamp
Features
* * * * Milky diffusion lens type 3mm(T-1) all plastic mold type Radiation color (Red, Y-Green) Low power consumption
Outline Dimensions
STRAIGHT TYPE
2.90~3.30
unit : mm
STOPPER TYPE : (B)
2.90~3.30
4.80~5.20
3.71 Typ.
4.80~5.20
2.54 Typ.
0.95~1.15
1.80~2.20
1.80~2.20
0.70 Max.
0.95~1.15
25.00 Min. 1.20~1.80
25.00 Min.
2
2 3
1.00 Min. 1.00 Min.
2.54 Typ.
2
3
1.00 Min. 1.00 Min.
1
3
3.60~4.00
3.60~4.00
0.40~0.60
KSD-O2E001-000
0.40~0.60
PIN Connections 1.Y-Green 2.Common Cathode 3.Red
1
SRM3671 / SRM3671(B)
Absolute Maximum Ratings
Characteristic
Power dissipation Forward current * Peak forward current Reverse voltage Operating temperature range Storage temperature range
1
(Ta=25oC)
Symbol
PD IF IFP VR Topr Tstg
Rating
Red 75 30 50 4 -2585 -30100 Y-Green 75 30 50 4
Unit
mW mA mA V
Soldering temperature Tsol 260 for 10 seconds *1.Duty ratio = 1/16, Pulse width = 0.1ms *2.Keep the distance more than 2.0mm from PCB to the bottom of LED package
Electrical / Optical Characteristics
Characteristic
Forward voltage Luminous intensity Peak wavelength Spectrum bandwidth Reverse current Half angle VF IV
(Ta=25oC)
Symbol
Red Y-Green Red Y-Green Red Y-Green Red Y-Green
Test Condition
IF= 20mA IF= 20mA IF= 20mA IF= 20mA VR=4V IF= 20mA
Min.
-
Typ.
2.0 2.1 25 25 660 570 35 30 30
Max.
2.5 2.5 10 -
Unit
V mcd nm nm uA deg
P
IR
1/2
KSD-O2E001-000
2
SRM3671 / SRM3671(B)
Characteristic Diagrams
Fig. 1 IF - VF Fig. 2 IV - IF
Forward Voltage VF [V]
Luminous Intensity Iv [mcd]
Forward Current IF [mA]
Forward
Current IF [mA]
Fig. 3 IF - Ta
Fig.4 Spectrum Distribution
20
Current IF [mA]
Forward
Relative Intensity [%]
Ambient Temperature Ta []
Wavelength [nm]
Fig. 5 Radiation Diagram
Relative Luminous Intensity Iv [%]
KSD-O2E001-000
3
SRM3671 / SRM3671(B)
The AUK Corp. products are intended for the use as components in general electronic equipment (Office and communication equipment, measuring equipment, home appliance, etc.). Please make sure that you consult with us before you use these AUK Corp. products in equipments which require high quality and / or reliability, and in equipments which could have major impact to the welfare of human life(atomic energy control, airplane, spaceship, transportation, combustion control, all types of safety device, etc.). AUK Corp. cannot accept liability to any damage which may occur in case these AUK Corp. products were used in the mentioned equipments without prior consultation with AUK Corp.. Specifications mentioned in this publication are subject to change without notice.
KSD-O2E001-000
4


▲Up To Search▲   

 
Price & Availability of SRM3671B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X